PART |
Description |
Maker |
MX27C256 MX27C256PC-10 MX27C256PC-12 MX27C256PC-15 |
256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDSO28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PQCC32 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 70 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 100 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 120 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 150 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 90 ns, PDIP28 256K-BIT [32K x 8] CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28
|
PROM Macronix International Co., Ltd.
|
NM27C240 NM27C240QE120 |
4 Meg (256K x 16) High Performance CMOS EPROM [Life-time buy] 4,194,304-Bit (256k x 16) High Performance CMOS EPROM 4 /194 /304-Bit (256k x 16) High Performance CMOS EPROM 4,194,304位(256k × 16)高性能的CMOS存储
|
FAIRCHILD[Fairchild Semiconductor]
|
MX26C2000BQI-15 MX26C2000BTC-10 MX26C2000BTI-10 MX |
DIODE SCHOTTKY 15V 2X35A TO247AD SWITCH PB SPST-NO .4VA SOLDERLUG CONNECTOR ACCESSORY 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 IC HALF BRIDGE DRVR HS 2A 16-DIP 256K X 8 FLASH 12V PROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
MX27L2000T2I-25 MX27L2000T2I-20 MX27L2000T3I-15 MX |
XO 33.3333MHZ 50PPM 3.3V SMD-7050 TR-7-PL CAP 10UF 25V 10% TANT RAD.10 TR-14 LT Series Water Resistant Linear Position Transducer, 50,8 mm [2.0 in] Electrical Travel, 1.0 % Linearity, Cable Termination, Item Number F58000202 null2M-BIT [256Kx8] CMOS EPROM 256K X 8 OTPROM, 120 ns, PDSO32 OSCILLATOR 24.576MHZ SMD 256K X 8 OTPROM, 150 ns, PDSO32 null2M-BIT [256Kx8] CMOS EPROM 256K X 8 OTPROM, 200 ns, PDSO32
|
Macronix International Co., Ltd.
|
AT49BV4096 AT49BV4096-15RC AT49BV4096-15RI AT49BV4 |
4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 200 ns, PDSO48 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 120 ns, PDSO44 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 150 ns, PDSO44
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
AM27C4096 AM27C4096-100DC AM27C4096-100DCB AM27C40 |
6-bit buffers and line drivers 16-SO 0 to 70 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 OTPROM, 200 ns, PQCC44 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 UVPROM, 200 ns, CDIP40 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 OTPROM, 200 ns, PDIP40 TV 37C 37#22D SKT PLUG 256K X 16 OTPROM, 100 ns, PDIP40 4 Megabit (256 K x 16-Bit) CMOS EPROM 4兆位56亩16位)的CMOS存储 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 UVPROM, 90 ns, CDIP40 TV 10C 10#20 PIN PLUG 6-bit buffers and line drivers 16-PDIP 0 to 70 TV 37C 37#22D PIN PLUG TV 18C 18#20 SKT WALL RECP TV 19C 19#20 PIN WALL RECP TV 10C 10#20 SKT PLUG 6-bit buffers and line drivers 16-SOIC 0 to 70 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:10; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
K3N3C6000D-DC K3N3C6000D-DC10 |
256K X 16 MASK PROM, 100 ns, PDIP40 4M-Bit (256K x 16) CMOS MASK ROM(EPROM TYPE) Data Sheet
|
Samsung Electronic
|
MX27C2000ATI-90 27C2000A-10 27C2000A-12 27C2000A-1 |
2M-BIT [256K x 8] CMOS EPROM
|
MCNIX[Macronix International]
|
MX27C2000TI-90 27C2000-10 27C2000-12 27C2000-15 27 |
2M-BIT [256K x 8] CMOS EPROM
|
MCNIX[Macronix International]
|
27C2000A-10 27C2000A-90 |
2M-BIT [256K x 8] CMOS EPROM
|
Macronix International Co., Ltd.
|
27C256 |
256K (32K X 8) CMOS EPROM
|
Microchip Technology Inc
|